Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV166ARPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV166ARPEL
Description  Parallel-Load 8-bit Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV166ARPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV166ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV166ARPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LV166A
Rev.3.00 Jun. 04, 2004 page 5 of 9
DC Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)*
Min
Typ
Max
Unit
Test Conditions
2.0
1.5
2.3 to 2.7
VCC
× 0.7
3.0 to 3.6
VCC
× 0.7
VIH
4.5 to 5.5
VCC
× 0.7
2.0
0.5
2.3 to 2.7
VCC
× 0.3
3.0 to 3.6
VCC
× 0.3
Input voltage
VIL
4.5 to 5.5
VCC
× 0.3
V
Min to Max
VCC – 0.1
IOL = –50
µA
2.3
2.0
IOL = –2 mA
3.0
2.48
IOL = –6 mA
VOH
4.5
3.8
IOL = –12 mA
Min to Max
0.1
IOL = 50
µA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVI = 5.5 V or GND
Quiescent supply
current
ICC
5.5
20
µAVI = VCC or GND, IO = 0
Output leakage
current
IOFF
0—
5
µA
VI or VO = 0 V to 5.5 V
Input capacitance
CIN
3.3
1.7
pF
VI = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV166ARPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Renesas Technology Corp
HD74LV166A7 RENESAS-HD74LV166A7 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166ATELL RENESAS-HD74LV166ATELL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
More results

Similar Description - HD74LV166ARPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com