Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV374A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV374A
Description  Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV374A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV374A Datasheet HTML 2Page - Renesas Technology Corp HD74LV374A Datasheet HTML 3Page - Renesas Technology Corp HD74LV374A Datasheet HTML 4Page - Renesas Technology Corp HD74LV374A Datasheet HTML 5Page - Renesas Technology Corp HD74LV374A Datasheet HTML 6Page - Renesas Technology Corp HD74LV374A Datasheet HTML 7Page - Renesas Technology Corp HD74LV374A Datasheet HTML 8Page - Renesas Technology Corp HD74LV374A Datasheet HTML 9Page - Renesas Technology Corp HD74LV374A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LV374A
Rev.2.00 Jun. 25, 2004 page 7 of 9
Input CLK
GND
tPLH
10 %
90 %
tr
tf
10 %
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %
VCC
50 %
VCC
10 %
tr
90 %
10 %
tf
GND
tPHL
VOH
VCC
VCC
VCC
VCC
VCC
VOL
Input D
Output Q
tw
tsu
th
GND
GND
Input CLK
Input D
tr
90 % 90 %
10 %
tf
10 %
90 %
90 %
V
− 0.3 V
OH
V
+ 0.3 V
OL
tZL
tLZ
tZH
tHZ
tf
tr
90 %
10 %
90 %
10 %
VOH
VOL
GND
Input
OE
Waveform
A
Waveform
B
tw
VCC
GND
• Waveform − 3
• Waveform − 2
• Waveform − 1
1. tr ≤ 3 ns, tf ≤ 3 ns
2. Input waveform: PRR
≤ 1 MHZ, duty cycle 50%
3. Waveform
A is for an output with internal conditions such that the output is low except
when disabled by the output control.
4. Waveform
B is for an output with internal conditions such that the output is high except
when disabled by the output control.
Notes:


Similar Part No. - HD74LV374A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV374A HITACHI-HD74LV374A Datasheet
68Kb / 15P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV374AFPEL RENESAS-HD74LV374AFPEL Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
HD74LV374ARPEL RENESAS-HD74LV374ARPEL Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
HD74LV374ATELL RENESAS-HD74LV374ATELL Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
HD74LV374A RENESAS-HD74LV374A_15 Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
More results

Similar Description - HD74LV374A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com