Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV374A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LV374A
Description  Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV374A Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LV374A Datasheet HTML 1Page - Renesas Technology Corp HD74LV374A Datasheet HTML 2Page - Renesas Technology Corp HD74LV374A Datasheet HTML 3Page - Renesas Technology Corp HD74LV374A Datasheet HTML 4Page - Renesas Technology Corp HD74LV374A Datasheet HTML 5Page - Renesas Technology Corp HD74LV374A Datasheet HTML 6Page - Renesas Technology Corp HD74LV374A Datasheet HTML 7Page - Renesas Technology Corp HD74LV374A Datasheet HTML 8Page - Renesas Technology Corp HD74LV374A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HD74LV374A
Rev.2.00 Jun. 25, 2004 page 2 of 9
Pin Arrangement
17
18
15
16
19
20
11
12
13
14
VCC
8Q
8D
7D
7Q
6Q
1
2
3
4
5
6
7
8
9
10
OE
1Q
1D
2D
2Q
3Q
3D
GND
4D
4Q
6D
5D
5Q
CLK
(Top view)
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output: H or L
Output voltage range*
1, 2
VO
–0.5 to 7.0
V
VCC: OFF or Output: Z
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±35
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±70
mA
835
SOP
Maximum power dissipation at
Ta = 25°C (in still air)*
3
PT
757
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV374A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV374A HITACHI-HD74LV374A Datasheet
68Kb / 15P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV374AFPEL RENESAS-HD74LV374AFPEL Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
HD74LV374ARPEL RENESAS-HD74LV374ARPEL Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
HD74LV374ATELL RENESAS-HD74LV374ATELL Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
HD74LV374A RENESAS-HD74LV374A_15 Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
More results

Similar Description - HD74LV374A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com