Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV541A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV541A
Description  Octal Buffers / Drivers with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV541A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV541A Datasheet HTML 1Page - Renesas Technology Corp HD74LV541A Datasheet HTML 2Page - Renesas Technology Corp HD74LV541A Datasheet HTML 3Page - Renesas Technology Corp HD74LV541A Datasheet HTML 4Page - Renesas Technology Corp HD74LV541A Datasheet HTML 5Page - Renesas Technology Corp HD74LV541A Datasheet HTML 6Page - Renesas Technology Corp HD74LV541A Datasheet HTML 7Page - Renesas Technology Corp HD74LV541A Datasheet HTML 8Page - Renesas Technology Corp HD74LV541A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00 Jun. 28, 2004 page 1 of 9
HD74LV541A
Octal Buffers / Drivers with 3-state Outputs
REJ03D0213–0200Z
(Previous ADE-205-278 (Z))
Rev.2.00
Jun. 28, 2004
Description
The HD74LV541A has eight line drivers with three state outputs in a 20 pin package. When
OE1 and OE2 is low
level, this drivers set up output is enable. Low-voltage operation is suitable for battery-powered products (e.g.,
notebook computers), and the low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±8 mA (@V
CC = 3.0 V to 3.6 V), ±16 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV541AFPEL
SOP–20 pin (JEITA)
FP–20DAV
FP
EL (2,000 pcs/reel)
HD74LV541ARPEL
SOP–20 pin (JEDEC)
FP–20DBV
RP
EL (1,000 pcs/reel)
HD74LV541ATELL
TSSOP–20 pin
TTP–20DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
OE1
OE2
A
Output Y
LL
L
L
LL
H
H
HX
X
Z
XH
X
Z
Note:
H: High level
L: Low level
X: Immaterial
Z: High impedance


Similar Part No. - HD74LV541A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV541A HITACHI-HD74LV541A Datasheet
65Kb / 14P
   Octal Buffers / Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LV541AFPEL RENESAS-HD74LV541AFPEL Datasheet
106Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV541ARPEL RENESAS-HD74LV541ARPEL Datasheet
106Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV541ATELL RENESAS-HD74LV541ATELL Datasheet
106Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV541A RENESAS-HD74LV541A_15 Datasheet
106Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74LV541A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com