Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2306NC2YPAH Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2306NC2YPAH
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306NC2YPAH Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2306NC2YPAH Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306NC2YPAH Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage................................. 0.3V to 6.5V
En1, Fb1, Lx1, En2, Fb2 and LX2 Pin Voltage........
-
-.
(
+ .
)
-
03V to
V
03V
Junction Temperature................................150°C
Storage Temperature Range....... 65°C to 150°C
Soldering Temperature.....................260°C 10sec
IN
,
Recommended Operating Conditions
Supply Voltage...............................2.5V to 5.5V
°C
°C
Junction Temperature Range.........-40°C
°C
Ambient Temperature Range......... 40
to 85
to 125
-
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to ambient)
θJA
WDFN 3x3-12
60
°C/W
Thermal Resistance (Junction to case)
θJC
WDFN 3x3-12
8.5
°C/W
Power Dissipation
PD
WDFN 3x3-12
1.66
W


Similar Part No. - PAM2306NC2YPAH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306AYP DIODES-PAM2306AYP Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306AYPKE DIODES-PAM2306AYPKE Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
More results

Similar Description - PAM2306NC2YPAH

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com