Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV595A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV595A
Description  8-bit Shift Registers with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV595A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV595A Datasheet HTML 5Page - Renesas Technology Corp HD74LV595A Datasheet HTML 6Page - Renesas Technology Corp HD74LV595A Datasheet HTML 7Page - Renesas Technology Corp HD74LV595A Datasheet HTML 8Page - Renesas Technology Corp HD74LV595A Datasheet HTML 9Page - Renesas Technology Corp HD74LV595A Datasheet HTML 10Page - Renesas Technology Corp HD74LV595A Datasheet HTML 11Page - Renesas Technology Corp HD74LV595A Datasheet HTML 12Page - Renesas Technology Corp HD74LV595A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HD74LV595A
Rev.2.00 Jun. 28, 2004 page 9 of 13
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
3.3
32.7
Power dissipation capacitance
CPD
5.0
33.1
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.65
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.59
–0.8
V
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
2.84
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
V
Low-level dynamic input
voltage
VIL (D)
3.3
0.99
V
Test Circuit
OPEN
GND
C
1 K
VCC
VCC
S2
L
Output
TEST
S2
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Note: C includes the probe and jig capacitance.
L


Similar Part No. - HD74LV595A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Renesas Technology Corp
HD74LV595AFPEL RENESAS-HD74LV595AFPEL Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
HD74LV595ARPEL RENESAS-HD74LV595ARPEL Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
HD74LV595ATELL RENESAS-HD74LV595ATELL Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
More results

Similar Description - HD74LV595A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com