Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4040A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV4040A
Description  12-stage Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4040A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV4040A Datasheet HTML 3Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 4Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 5Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 6Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 7Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 8Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 9Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 10Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74LV4040A
Rev.2.00 Jul. 20, 2004 page 9 of 10
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP-16DAV
Conforms
0.24 g
*Ni/Pd/Au plating
*0.40 ± 0.06
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70 ± 0.20
0˚ – 8˚
1.15
1.27
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
FP-16DNV
Conforms
Conforms
0.15 g
*Ni/Pd/Au plating
1.27
16
9
1
8
0.15
0.25 M
9.9
0
˚ – 8˚
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.40 ± 0.06
0.635 Max
1.08
As of January, 2003
Unit: mm


Similar Part No. - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040AFPEL RENESAS-HD74LV4040AFPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040ATELL RENESAS-HD74LV4040ATELL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
More results

Similar Description - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com