Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1158 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK1158
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1158 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1158 Datasheet HTML 1Page - Renesas Technology Corp 2SK1158 Datasheet HTML 2Page - Renesas Technology Corp 2SK1158 Datasheet HTML 3Page - Renesas Technology Corp 2SK1158 Datasheet HTML 4Page - Renesas Technology Corp 2SK1158 Datasheet HTML 5Page - Renesas Technology Corp 2SK1158 Datasheet HTML 6Page - Renesas Technology Corp 2SK1158 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1157, 2SK1158
Rev.2.00 Sep 07, 2005 page 4 of 6
2.0
40
160
Case Temperature TC (°C)
1.6
0.4
0
80
120
0
0.8
1.2
Static Drain to Source on State
Resistance vs. Temperature
VGS = 10 V
Pulse Test
2, 5 A
ID = 10 A
–40
50
0.5
10
Drain Current ID (A)
20
2
1.0
5
0.5
5
10
Forward Transfer Admittance
vs. Drain Current
VDS = 20 V
Pulse Test
0.1
1.0
2
–25
°C
TC = 25°C
75
°C
0.2
5,000
1.0
20
Reverse Drain Current IDR (A)
2,000
200
0.5
2
10
50
500
1,000
Body to Drain Diode Reverse
Recovery Time
0.2
100
5
di/dt = 100 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
5,000
20
50
Drain to Source Voltage VDS (V)
100
10
30
40
5
1,000
Typical Capacitance vs.
Drain to Source Voltage
0
Crss
Ciss
Coss
VGS = 0
f = 1 MHz
10
500
16
40
Gate Charge Qg (nc)
Dynamic Input Characteristics
400
100
824
32
0
200
300
VDS
100 V
20
16
4
0
8
12
VDD = 100 V
250 V
400 V
ID = 7 A
250 V
VDD = 400 V
VGS
1.0
20
Drain Current ID (A)
500
50
0.5
2
10
10
100
200
VGS = 10 V VDD = 30 V
PW = 2
µs, duty < 1%
0.2
20
5
Switching Characteristics
td (off)
tr
td (on)
tf
5


Similar Part No. - 2SK1158

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1158 HITACHI-2SK1158 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1158 ISC-2SK1158 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1158

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com