Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1298 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1298
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1298 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1298 Datasheet HTML 1Page - Renesas Technology Corp 2SK1298 Datasheet HTML 2Page - Renesas Technology Corp 2SK1298 Datasheet HTML 3Page - Renesas Technology Corp 2SK1298 Datasheet HTML 4Page - Renesas Technology Corp 2SK1298 Datasheet HTML 5Page - Renesas Technology Corp 2SK1298 Datasheet HTML 6Page - Renesas Technology Corp 2SK1298 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1298
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
50
100
0
Case Temperature TC (°C)
150
20
Power vs. Temperature Derating
40
60
Maximum Safe Operation Area
100
10
3
1.0
0.3
500
100
50
20
2
0.1
200
10
5
1.0
0.5
30
Drain to Source Voltage VDS (V)
1 ms
Ta = 25
°C
10
µs
Operation in this area
is limited by RDS (on)
DC
Operat
ion
(T
C =
25
°C)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
10
8
6
4
2
100
80
60
40
20
0
VGS = 2.5 V
Pulse Test
5 V
8 V
3 V
3.5 V
10 V
4.5 V
4 V
Typical Transfer Characteristics
3
Gate to Source Voltage VGS (V)
4
2
1
05
20
40
60
80
100
0
75
°C
TC = 25°C
–25
°C
VDS = 10 V
Pulse Test
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
6
Gate to Source Voltage VGS (V)
8
4
2
010
0.8
1.2
1.6
2.0
0
0.4
Pulse Test
ID = 50 A
20 A
10 A
20
Drain Current ID (A)
50
10
5
200
0.02
0.05
0.1
0.2
0.5
2
0.01
0.005
100
Static Drain to Source on State
Resistance vs. Drain Current
VGS = 4 V
10 V
Pulse Test


Similar Part No. - 2SK1298

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1298 HITACHI-2SK1298 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1298 ISC-2SK1298 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1298

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com