Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3055 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N3055
Description  POWER TRANSISTORS(15A,50V,115W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N3055 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N3055 Datasheet HTML 1Page - Mospec Semiconductor 2N3055 Datasheet HTML 2Page - Mospec Semiconductor 2N3055 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2N3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
Silicon Supplies
2N3055 SS-2N3055 Datasheet
230Kb / 2P
   NPN Transistor Bare Die
Rev 1.0 22/08/23
logo
Unisonic Technologies
2N3055 UTC-2N3055 Datasheet
55Kb / 2P
   SILICON NPN TRANSISTORS
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055 Datasheet
493Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
More results

Similar Description - 2N3055

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
   POWER TRANSISTORS(15A,175W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
   POWER TRANSISTORS(15A,130W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
   POWER TRANSISTORS(15A,175W)
2N5879 MOSPEC-2N5879 Datasheet
180Kb / 4P
   POWER TRANSISTORS(15A,160W)
2SA1386 MOSPEC-2SA1386 Datasheet
124Kb / 3P
   POWER TRANSISTORS(15A,130W)
logo
Silicon Supplies
MURC1505 SS-MURC1505 Datasheet
1Mb / 4P
   50V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
Sanyo Semicon Device
2SB829 SANYO-2SB829 Datasheet
107Kb / 3P
   50V/15A Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com