Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1402A-E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1402A-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1402A-E Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1402A-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1402A-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1402A-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1402A-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1402A-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1402A-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1402A-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1402, 2SK1402A
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
60
40
20
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
50
10
1
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
30
3
0.3
1
0.1
3
10
30
100
300
1,000
0.05
Ta = 25
°C
1 ms
DC
Operation
(T
C =
25
°C)
2SK1402
2SK1402A
5
20
50
Drain to Source Voltage VDS (V)
Typical Output Characteristics
4
1
10
30
40
0
2
3
VGS = 3.5 V
Pulse Test
4.5 V
6 V
5 V
4 V
10 V
5
410
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
4
1
26
8
0
2
3
TC = –25°C
25
°C
VDS = 20 V
Pulse Test
75
°C
20
820
Gate to Source Voltage VGS (V)
16
4
412
16
0
8
12
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Pulse Test
2 A
ID = 5 A
1 A
50
Drain Current ID (A)
20
2
1
5
10
Static Drain to Source on State
Resistance vs. Drain Current
Pulse Test
0.5
10
VGS = 10 V
15 V
0.2
0.5
1
2
5
20


Similar Part No. - 2SK1402A-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1402A HITACHI-2SK1402A Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1402A ISC-2SK1402A Datasheet
65Kb / 2P
   Fast Switching Speed
logo
VBsemi Electronics Co.,...
2SK1402A VBSEMI-2SK1402A Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2SK1402A-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com