Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2306GNDYPGE Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM2306GNDYPGE
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306GNDYPGE Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM2306GNDYPGE Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 12Page - Power Analog Micoelectronics PAM2306GNDYPGE Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
0.1
0.15
0.2
0.25
0.3
0.35
0.4
23
45
6
Input Voltage(V)
0
0.1
0.2
0.3
0.4
0.5
0.6
20
70
120
Temperature(°C)
Vin=4.2V
Vin=3.6V
Vin=2.7V
Vin=3.6V
1.2
1.3
1.4
1.5
1.6
1.7
1.8
23
45
Supply Voltage(V)
1.50
1.52
1.54
1.56
1.58
20
40
60
80
100
120
140
Temperature(°C)
R
VS Input Voltage
dson
Rdson VS Temperature
Oscillator Frequency VS Supply Voltage
Oscillator Frequency VS Temperature
Vin=3.6V
Vin=3.6V
Vin=3.6V
0
5
10
15
20
25
30
35
40
45
50
2.533.544.5
55.5
Input Voltage(V)
Dynamic Supply Current VS Input Voltage
Vo=1.2V
ILoad=0A
0
10
20
30
40
50
60
40
60
80
100
120
140
Temperature(°C)
Dynamic Supply Current VS Temperature
Vo=1.2V
Vin=3.6V
ILoad=0A
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
T =25 C, C =10 F, C =10 F,L=4.7 H, unless otherwise noted.
AIN
O
O
μμ
μ
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0


Similar Part No. - PAM2306GNDYPGE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306AYP DIODES-PAM2306AYP Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306AYPKE DIODES-PAM2306AYPKE Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
More results

Similar Description - PAM2306GNDYPGE

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com