Electronic Components Datasheet Search |
|
PAM2306NC1YPEE Datasheet(PDF) 4 Page - Power Analog Micoelectronics |
|
PAM2306NC1YPEE Datasheet(HTML) 4 Page - Power Analog Micoelectronics |
4 / 15 page PAM2306 Dual High-Efficiency PWM Step-Down DC-DC Coverter 4 , Power Analog Microelectronics Inc www.poweranalog.com 07/2008 Rev 1.0 Absolute Maximum Ratings These are stress ratings only and functional operation is not implied Exposure to absolute maximum ratings for prolonged time periods may affect device reliability All voltages are with respect to ground . . . Input Voltage................................. 0.3V to 6.5V En1, Fb1, Lx1, En2, Fb2 and LX2 Pin Voltage........ - -. ( + . ) - 03V to V 03V Junction Temperature................................150°C Storage Temperature Range....... 65°C to 150°C Soldering Temperature.....................260°C 10sec IN , Recommended Operating Conditions Supply Voltage...............................2.5V to 5.5V °C °C Junction Temperature Range.........-40°C °C Ambient Temperature Range......... 40 to 85 to 125 - Thermal Information Parameter Symbol Package Maximum Unit Thermal Resistance (Junction to ambient) θJA WDFN 3x3-12 60 °C/W Thermal Resistance (Junction to case) θJC WDFN 3x3-12 8.5 °C/W Power Dissipation PD WDFN 3x3-12 1.66 W |
Similar Part No. - PAM2306NC1YPEE |
|
Similar Description - PAM2306NC1YPEE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |