Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1838L-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SK1838L-E
Description  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1838L-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SK1838L-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1838L-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1838L-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1838L-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1838L-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1838L-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1838L-E Datasheet HTML 7Page - Renesas Technology Corp 2SK1838L-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK1838(L), 2SK1838(S)
Rev.3.00 Nov 21, 2005 page 5 of 7
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
Switching Time Test Circuit
Waveforms
0
0.4
0.8
1.2
1.6
2.0
0.2
0.4
0.6
0.8
1.0
Pulse Test
0, – 5 V
V
= 10 V
GS
10
100
1 m
10 m
100 m
10
0.01
0.03
0.1
0.3
1.0
3
µ
µ
D = 1
0.5
0.2
0.1
0.05
0.02
1 shot
Pulse
Tc = 25
°C
0.01
1
θ ch – c(t) = s(t)
ch – c
ch – c = 12.5
°C / W. Tc = 25°C
P
D =
PW
T
PW
T
DM
γ
θ
θ
Vin Monitor
Vout Monitor
R
V
30 V
50
Vin
10 V
D.U.T
DD
L
=
.
.
Vin
10 %
90 %
90 %
90 %
10 %
td (on)
td (off)
tr
tf
Vout
10 %


Similar Part No. - 2SK1838L-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1838L HITACHI-2SK1838L Datasheet
46Kb / 8P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1838L ISC-2SK1838L Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1838L-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com