Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS669 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS669
Description  Synchronous Up / Down 4-bit Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS669 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS669 Datasheet HTML 1Page - Renesas Technology Corp HD74LS669 Datasheet HTML 2Page - Renesas Technology Corp HD74LS669 Datasheet HTML 3Page - Renesas Technology Corp HD74LS669 Datasheet HTML 4Page - Renesas Technology Corp HD74LS669 Datasheet HTML 5Page - Renesas Technology Corp HD74LS669 Datasheet HTML 6Page - Renesas Technology Corp HD74LS669 Datasheet HTML 7Page - Renesas Technology Corp HD74LS669 Datasheet HTML 8Page - Renesas Technology Corp HD74LS669 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LS669
Rev.2.00, Feb.18.2005, page 5 of 8
Testing Method
Test Circuit
4.5V
QA
Load circuit 1
Output
VCC
RL
CL
Input
P.G.
Zout = 50
Input
P.G.
Zout = 50
U/
D
B
C
CK
A
D
P
Load
QC
QD
RCO
QB
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
T
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).


Similar Part No. - HD74LS669

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
HD74LS669 HITACHI-HD74LS669 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS669

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com