Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV00ARPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV00ARPEL
Description  Quad. 2-input NAND Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV00ARPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV00ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV00ARPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LV00A
Rev.3.00, May 20, 2004, page 4 of 8
DC Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)*
Min
Typ
Max
Unit
Test Conditions
2.0
1.5
2.3 to 2.7
VCC
× 0.7
3.0 to 3.6
VCC
× 0.7
VIH
4.5 to 5.5
VCC
× 0.7
2.0
0.5
2.3 to 2.7
VCC
× 0.3
3.0 to 3.6
VCC
× 0.3
Input voltage
VIL
4.5 to 5.5
VCC
× 0.3
V
Min to Max
VCC – 0.1
IOH = –50
µA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Quiescent supply
current
ICC
5.5
20
µAVIN = VCC or GND, IO = 0
Output leakage
current
IOFF
0—
5
µAVI or VO = 0 V to 5.5 V
Input capacitance
CIN
3.3
3.3
pF
VI = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.1
12.9
1.0
15.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
9.6
16.6
1.0
20.0
ns
CL = 50 pF
A or B
Y
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.0
7.9
1.0
9.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.9
11.4
1.0
13.0
ns
CL = 50 pF
A or B
Y
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
3.6
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
4.9
7.5
1.0
8.5
ns
CL = 50 pF
A or B
Y


Similar Part No. - HD74LV00ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV00ARPEL RENESAS-HD74LV00ARPEL Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
More results

Similar Description - HD74LV00ARPEL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
   Quad 2-Input NAND Gates
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
   Quad 2-Input NAND Gates
logo
Renesas Technology Corp
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
   Quad 2-input NAND Gates
logo
National Semiconductor ...
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
   Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
   QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
   Quad. 2-input NAND Gates
logo
Hitachi Semiconductor
HD74LV00A HITACHI-HD74LV00A Datasheet
51Kb / 13P
   Quad. 2-input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com