Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2564TIE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HN58X2564TIE
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2564TIE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HN58X2564TIE Datasheet HTML 4Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 5Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 6Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 7Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 8Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 9Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 10Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 11Page - Renesas Technology Corp HN58X2564TIE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HN58X2532I/HN58X2564I
Rev.3.00, Jul.06.2005, page 8 of 20
Pin Function
Serial data output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of serial
clock (C).
Serial data input (D)
This input signal is used to transfer data serially into the device. It receives instructions, addresses, and the data to be
written. Values are latched on the rising edge of serial clock (C).
Serial clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data present at serial data input
(D) are latched on the rising edge of serial clock (C). Data on serial data output (Q) changes after the falling edge of
serial clock (C).
Chip select (
S)
When this input signal is high, the device is deselected and serial data output (Q) is at high impedance. Unless an
internal write cycle is in progress, the device will be in the standby mode. Driving chip select (
S) low enables the
device, placing it in the active power mode. After power-up, a falling edge on chip select (
S) is required prior to the
start of any instruction.
Hold (
HOLD)
The hold (
HOLD) signal is used to pause any serial communications with the device without deselecting the device.
During the hold condition, the serial data output (Q) is high impedance, and serial data input (D) and serial clock (C)
are don’t care. To start the hold condition, the device must be selected, with chip select (
S) driven low.
Write protect (
W)
The main purpose of this input signal is to freeze the size of the area of memory that is protected against write
instructions (as specified by the values in the BP1 and BP0 bits of the status register). This pin must be driven either
high or low, and must be stable during all write operations.


Similar Part No. - HN58X2564TIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2564TIAG RENESAS-HN58X2564TIAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2564TIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com