Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2308FB1YMHB Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2308FB1YMHB
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2308FB1YMHB Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2308FB1YMHB Datasheet HTML 1Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 2Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 3Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 4Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 5Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 6Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 7Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 8Page - Power Analog Micoelectronics PAM2308FB1YMHB Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PAM2308
Dual High-Efficiency PWM Step-Down DC-DC Coverter
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Features
Applications
General Description
n Efficiency up to 96%
Only 40μA(Typ. per Channel) Quiescent
Current
Output Current: Up to 1A per Channel
Internal Synchronous Rectifier
1.5MHz Switching Frequency
Soft Start
Under-Voltage Lockout
Short Circuit Protection
Thermal Shutdown
Small 10L WDFN 3x3
Packages
RoHS Compliant
Cellular Phone
Portable Electronics
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
The PAM2308 is a dual step-down current-mode,
DC-DC converter. At heavy load, the constant-
frequency PWM control performs excellent
stability and transient response. To ensure the
longest battery life in portable applications, the
PAM2308 provides a power-saving Pulse-
Skipping Modulation (PSM) mode to reduce
quiescent current under light load operation.
The PAM2308 supports a range of input voltages
from 2.5V to 5.5V, allowing the use of a single
Li+/Li-polymer cell, multiple Alkaline/NiMH cell,
USB, and other standard power sources.
All versions
employ internal power switch and synchronous
rectifier for to minimize external part count and
realize high efficiency. During shutdown, the input
is disconnected from the output and the shutdown
current is less than 0.1 A. Other key features
include under-voltage lockout to prevent deep
battery discharge.
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Pb-Free Package and
μ
The dual
output voltages are available for 3.3V, 2.8V, 2.5V,
1.8V, 1.5V, 1.2V or adjustable.
Typical Application
(
)
Rx2
Rx1
1
V
V
REF
OUTx
+
=
Figure 1. Adjustable Voltage Regulator
EN2
FB2
VIN2
LX2
FB1
PAM2308
1
2
9
10
GND
LX1
GND
8
5
VOUT2
L2
10 F
μ
CIN2
100pF
VIN1
7
6
EN1
VIN1
4
.7μF
L1
R22
4
.7μF
VOUT1
100nF
10 F
μ
R12
VIN2
C
Fw1
COUT1
CIN1
COUT2
C
FW2
R11
R21
3
4


Similar Part No. - PAM2308FB1YMHB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2308BYM DIODES-PAM2308BYM Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM2308FB1YMHB

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2306 PAM-PAM2306 Datasheet
407Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com