Electronic Components Datasheet Search |
|
HD74LV1G08AVSE Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
HD74LV1G08AVSE Datasheet(HTML) 3 Page - Renesas Technology Corp |
3 / 8 page HD74LV1G08A REJ03D0066-0800 Rev.8.00, Mar 21, 2008 Page 3 of 7 Absolute Maximum Ratings Item Symbol Ratings Unit Test Conditions Supply voltage range VCC –0.5 to 7.0 V Input voltage range *1 VI –0.5 to 7.0 V –0.5 to VCC + 0.5 Output : H or L Output voltage range *1, 2 VO –0.5 to 7.0 V VCC : OFF Input clamp current IIK –20 mA VI < 0 Output clamp current IOK ±50 mA VO < 0 or VO > VCC Continuous output current IO ±25 mA VO = 0 to VCC Continuous current through VCC or GND ICC or IGND ±50 mA Maximum power dissipation at Ta = 25°C (in still air) *3 PT 200 mW Storage temperature Tstg –65 to 150 °C Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150°C. Recommended Operating Conditions Item Symbol Min Max Unit Conditions Supply voltage range VCC 1.65 5.5 V Input voltage range VI 0 5.5 V Output voltage range VO 0 VCC V — 1 VCC = 1.65 to 1.95 V — 2 VCC = 2.3 to 2.7 V — 6 VCC = 3.0 to 3.6 V IOL — 12 VCC = 4.5 to 5.5 V — –1 VCC = 1.65 to 1.95 V — –2 VCC = 2.3 to 2.7 V — –6 VCC = 3.0 to 3.6 V Output current IOH — –12 mA VCC = 4.5 to 5.5 V 0 300 VCC = 1.65 to 1.95 V 0 200 VCC = 2.3 to 2.7 V 0 100 VCC = 3.0 to 3.6 V Input transition rise or fall rate ∆t / ∆v 0 20 ns / V VCC = 4.5 to 5.5 V Operating free-air temperature Ta –40 85 °C Note: Unused or floating inputs must be held high or low. |
Similar Part No. - HD74LV1G08AVSE |
|
Similar Description - HD74LV1G08AVSE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |