Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G14ACME Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV1G14ACME
Description  Inverter with Schmitt.trigger Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G14ACME Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV1G14ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G14ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G14ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G14ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G14ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G14ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G14ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G14ACME Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REJ03D0067-0700 Rev.7.00, Mar 21, 2008
Page 1 of 7
HD74LV1G14A
Inverter with Schmitt–trigger Input
REJ03D0067-0700
Rev.7.00
Mar 21, 2008
Description
The HD74LV1G14A has an inverter with schmitt–trigger input in a 5 pin package. Low voltage and high-speed
operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74LV14A
Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV1G14ACME
CMPAK–5 pin
PTSP0005ZC-A
(CMPAK-5V)
CM
E (3000 pcs/reel)
HD74LV1G14AVSE
VSON–5 pin
PUSN0005KA-A
(TNP-5DV)
VS
E (3000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Outline and Article Indication
• HD74LV1G14A
Marking
= Control code
L
A
Index band
CMPAK–5


Similar Part No. - HD74LV1G14ACME

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
More results

Similar Description - HD74LV1G14ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW14A RENESAS-HD74LV1GW14A Datasheet
89Kb / 6P
   Dual Inverter with Schmitt.trigger Input
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
HD74LV1GT14A RENESAS-HD74LV1GT14A_15 Datasheet
139Kb / 9P
   Inverter with Schmitt-trigger Input /
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com