Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G126A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV1G126A
Description  Bus Buffer Gate with 3-state Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G126A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV1G126A Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LV1G126A
REJ03D0072-0700 Rev.7.00, Mar 21, 2008
Page 5 of 7
Switching Characteristics
• V
CC = 1.8 ± 0.15 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
13.5
23.5
1.0
26.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
19.0
33.0
1.0
36.0
ns
CL = 50 pF
A
Y
13.7
26.5
1.0
29.0
CL = 15 pF
Enable time
tZH
tZL
20.5
36.0
1.0
38.0
ns
CL = 50 pF
OE
Y
8.3
20.0
1.0
22.5
CL = 15 pF
Disable time
tHZ
tLZ
13.0
29.5
1.0
32.0
ns
CL = 50 pF
OE
Y
• V
CC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.1
13.0
1.0
15.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
9.2
16.5
1.0
18.5
ns
CL = 50 pF
A
Y
7.4
13.0
1.0
15.5
CL = 15 pF
Enable time
tZH
tZL
9.5
16.5
1.0
18.5
ns
CL = 50 pF
OE
Y
5.7
14.7
1.0
17.0
CL = 15 pF
Disable time
tHZ
tLZ
8.1
18.2
1.0
20.5
ns
CL = 50 pF
OE
Y
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.0
8.0
1.0
9.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.4
11.5
1.0
13.0
ns
CL = 50 pF
A
Y
5.1
8.0
1.0
9.5
CL = 15 pF
Enable time
tZH
tZL
6.6
11.5
1.0
13.0
ns
CL = 50 pF
OE
Y
4.4
9.7
1.0
11.5
CL = 15 pF
Disable time
tHZ
tLZ
6.1
13.2
1.0
15.0
ns
CL = 50 pF
OE
Y
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
3.5
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
4.6
7.5
1.0
8.5
ns
CL = 50 pF
A
Y
3.6
5.1
1.0
6.0
CL = 15 pF
Enable time
tZH
tZL
4.6
7.1
1.0
8.0
ns
CL = 50 pF
OE
Y
3.3
6.8
1.0
8.0
CL = 15 pF
Disable time
tHZ
tLZ
4.3
8.8
1.0
10.0
ns
CL = 50 pF
OE
Y
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
10.5
Power dissipation
capacitance
CPD
5.0
11.5
pF
f = 10 MHz


Similar Part No. - HD74LV1G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
HD74LV1G126AVSE RENESAS-HD74LV1G126AVSE Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126AVSE RENESAS-HD74LV1G126AVSE Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
More results

Similar Description - HD74LV1G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1GT126A HITACHI-HD74LV1GT126A Datasheet
46Kb / 10P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G126 RENESAS-HD74ALVC1G126_15 Datasheet
116Kb / 15P
   Bus Buffer Gate with 3-state Output
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com