Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G126A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV1G126A
Description  Bus Buffer Gate with 3-state Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G126A Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LV1G126A Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74LV1G126A
REJ03D0072-0700 Rev.7.00, Mar 21, 2008
Page 7 of 7
Package Dimensions
e
A
EHE
L
L1
Q
c
D
b
AA
Pattern of terminal position areas
b2
l1
e1
e
A3
LP
S
A
A2
A1
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
x
y
b2
e1
l1
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
1.8
0.3
0.2
0.22
0.25
0.9
0.13
0.11
2.0
1.25
0.65
2.1
1.5
0.25
1.1
0.1
1.0
0.3
0.2
0.15
2.2
1.35
2.4
0.7
L1
0.1
0.5
0.6
0.05
0.05
0.35
0.9
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
A3
A
S
M
x
S
y
SC-88A
0.006g
MASS[Typ.]
CMPAK-5 / CMPAK-5V
PTSP0005ZC-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
b1
c1
c
1
3
54
D
b
c
1.0 ±0.1
0.3
0.2
0.15
A1
1.3
1.1
1.55
1.6
1.55
0.12
0.5
e
e
Lp
x
y
0.2
1.65
1.65
0.22
0.07
L1
c1
c
ZD
b
A
E
D
b1
HE
A2
0.6
1.2
1.6
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
P-USON5-1.2x1.6-0.50
0.002g
MASS[Typ.]
TNP-5D/TNP-5DV
PUSN0005KA-A
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74LV1G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
HD74LV1G126AVSE RENESAS-HD74LV1G126AVSE Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126AVSE RENESAS-HD74LV1G126AVSE Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
More results

Similar Description - HD74LV1G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1GT126A HITACHI-HD74LV1GT126A Datasheet
46Kb / 10P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G126 RENESAS-HD74ALVC1G126_15 Datasheet
116Kb / 15P
   Bus Buffer Gate with 3-state Output
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com