Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GW17ACME Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV1GW17ACME
Description  Dual Buffer with Schmitt Trigger Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW17ACME Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV1GW17ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW17ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW17ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW17ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW17ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW17ACME Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, May 19, 2006 page 1 of 5
HD74LV1GW17A
Dual Buffer with Schmitt Trigger Inputs
REJ03D0079-0200
Rev.2.00
May 19, 2006
Description
The HD74LV1GW17A has dual buffer with schmitt–trigger input in a 6 pin package. Low voltage and high-speed
operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV1GW17ACME
CMPAK-6 pin
PTSP0006JA-A
(CMPAK-6V)
CM
E (3,000 pcs / Reel)
Outline and Article Indication
• HD74LV1GW17A
Marking
= Control code
W K
Index band
CMPAK–6
Function Table
Input A
Output Y
H
H
L
L
H : High level
L : Low level


Similar Part No. - HD74LV1GW17ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW17ACME RENESAS-HD74LV1GW17ACME Datasheet
72Kb / 8P
   Dual Buffer with Schmitt Trigger Inputs
More results

Similar Description - HD74LV1GW17ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A_15 Datasheet
156Kb / 7P
   Dual Buffer with Schmitt Trigger Inputs
HD74LV1GW17A RENESAS-HD74LV1GW17A Datasheet
72Kb / 8P
   Dual Buffer with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com