Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GW53A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV1GW53A
Description  2-channel Analog Multiplexer / Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW53A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV1GW53A Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LV1GW53A
Rev.2.00, May 19, 2006 page 3 of 6
Electrical Characteristic
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol VCC (V) *
Min
Typ
Max
Min
Typ
Max
Unit
Test
Conditions
1.65 to 1.95
VCC
×0.75
2.3 to 2.7
VCC
×0.7
3.0 to 3.6
VCC
×0.7
VIH
4.5 to 5.5
VCC
×0.7
1.65 to 1.95
VCC
×0.25
2.3 to 2.7
VCC
×0.3
3.0 to 3.6
VCC
×0.3
Input voltage
VIL
4.5 to 5.5
VCC
×0.3
V
Control input
only
1.8
0.25
2.5
0.30
3.3
0.35
Hysteretic
voltage
VH
5.0
0.45
V
VT
+ – V
T
1.65
120
360
450
2.3
60
180
225
3.0
50
150
190
On-state switch
resistance
RON
4.5
40
75
100
VIN = VCC or GND
VA = VIH, VIL
IT = 2 mA
1.65
400
1100
1400
2.3
200
500
600
3.0
90
180
225
Peak on
resistance
RON (P)
4.5
50
100
125
VIN = VCC to GND
VA = VIH, VIL
IT = 2 mA
1.65
40
120
160
2.3
20
30
40
3.0
10
20
30
Difference of
on- state
resistance
between switches
∆RON
4.5
7
15
20
VIN = VCC to GND
VA = VIH, VIL
IT = 2 mA
Off-state switch
leakage current
Is (OFF)
5.5
±0.1
±1.0
µA
VIN = VCC,
VOUT = GND
or VIN = GND,
VO = VCC,
VA = VIH, VIL
On-state switch
leakage current
Is (ON)
5.5
±0.1
±1.0
µA
VIN = VCC or GND
VA = VIH, VIL
Input current
IIN
0 to 5.5
±0.1
±1.0
µA
VIN = 5.5 V or GND
Quiescent
supply current
ICC
5.5
10
µA
VIN = VCC or GND
Control input
capacitance
CIC
3.5
pF
Switch terminal
capacitance
CIN / OUT
6.0
pF


Similar Part No. - HD74LV1GW53A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW53A RENESAS-HD74LV1GW53A Datasheet
86Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53ACME RENESAS-HD74LV1GW53ACME Datasheet
86Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV1GW53A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com