Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV04A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV04A
Description  Hex Inverters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV04A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV04A Datasheet HTML 1Page - Renesas Technology Corp HD74LV04A Datasheet HTML 2Page - Renesas Technology Corp HD74LV04A Datasheet HTML 3Page - Renesas Technology Corp HD74LV04A Datasheet HTML 4Page - Renesas Technology Corp HD74LV04A Datasheet HTML 5Page - Renesas Technology Corp HD74LV04A Datasheet HTML 6Page - Renesas Technology Corp HD74LV04A Datasheet HTML 7Page - Renesas Technology Corp HD74LV04A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LV04A
Rev.3.00, May 21, 2004, page 3 of 7
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
2.0
5.5
V
Input voltage range
VI
05.5
V
Output voltage range
VO
0VCC
V
–50
µAVCC = 2.0 V
—–2
VCC = 2.3 to 2.7 V
—–6
VCC = 3.0 to 3.6 V
IOH
–12
mA
VCC = 4.5 to 5.5 V
—50
µAVCC = 2.0 V
—2
VCC = 2.3 to 2.7 V
—6
VCC = 3.0 to 3.6 V
Output current
IOL
—12
mA
VCC = 4.5 to 5.5 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t/∆v
020
ns/V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
A
Y


Similar Part No. - HD74LV04A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
logo
Renesas Technology Corp
HD74LV04AFPEL RENESAS-HD74LV04AFPEL Datasheet
89Kb / 10P
   Hex Inverters
HD74LV04ARPEL RENESAS-HD74LV04ARPEL Datasheet
89Kb / 10P
   Hex Inverters
HD74LV04ATELL RENESAS-HD74LV04ATELL Datasheet
89Kb / 10P
   Hex Inverters
HD74LV04A RENESAS-HD74LV04A_15 Datasheet
89Kb / 10P
   Hex Inverters
More results

Similar Description - HD74LV04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com