Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV05A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV05A
Description  Hex Inverters with Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV05A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV05A Datasheet HTML 1Page - Renesas Technology Corp HD74LV05A Datasheet HTML 2Page - Renesas Technology Corp HD74LV05A Datasheet HTML 3Page - Renesas Technology Corp HD74LV05A Datasheet HTML 4Page - Renesas Technology Corp HD74LV05A Datasheet HTML 5Page - Renesas Technology Corp HD74LV05A Datasheet HTML 6Page - Renesas Technology Corp HD74LV05A Datasheet HTML 7Page - Renesas Technology Corp HD74LV05A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LV05A
Rev.7.00 Dec 23, 2005 page 4 of 7
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.7
10.4
1.0
13.0
CL = 15 pF
tPLH
9.5
15.2
1.0
18.0
CL = 50 pF
5.4
10.4
1.0
13.0
CL = 15 pF
Propagation
delay time
tPHL
7.9
15.2
1.0
18.0
ns
CL = 50 pF
A
Y
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.0
7.1
1.0
8.5
CL = 15 pF
tPLH
7.3
10.6
1.0
12.0
CL = 50 pF
4.3
7.1
1.0
8.5
CL = 15 pF
Propagation
delay time
tPHL
5.8
10.6
1.0
12.0
ns
CL = 50 pF
A
Y
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
3.3
5.5
1.0
6.5
CL = 15 pF
tPLH
5.6
7.5
1.0
8.5
CL = 50 pF
3.4
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPHL
4.1
7.5
1.0
8.5
ns
CL = 50 pF
A
Y
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
2.5
Power dissipation capacitance
CPD
5.0
3.0
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.3
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.1
–0.8
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
V
Low-level dynamic input
voltage
VIL (D)
3.3
0.99
V


Similar Part No. - HD74LV05A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV05A HITACHI-HD74LV05A Datasheet
46Kb / 11P
   Hex Inverters with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV05AFPEL RENESAS-HD74LV05AFPEL Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
HD74LV05ARPEL RENESAS-HD74LV05ARPEL Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
HD74LV05ATELL RENESAS-HD74LV05ATELL Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results

Similar Description - HD74LV05A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com