Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV10A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV10A
Description  Triple 3-input Positive NAND Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV10A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV10A Datasheet HTML 1Page - Renesas Technology Corp HD74LV10A Datasheet HTML 2Page - Renesas Technology Corp HD74LV10A Datasheet HTML 3Page - Renesas Technology Corp HD74LV10A Datasheet HTML 4Page - Renesas Technology Corp HD74LV10A Datasheet HTML 5Page - Renesas Technology Corp HD74LV10A Datasheet HTML 6Page - Renesas Technology Corp HD74LV10A Datasheet HTML 7Page - Renesas Technology Corp HD74LV10A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.3.00, May 24, 2004, page 1 of 1
HD74LV10A
Triple 3-input Positive NAND Gates
REJ03D0233–0300Z
(Previous ADE-205-251A (Z))
Rev.3.00
May 24, 2004
Description
The HD74LV10A performs the Boolean functions Y =
A•B•C or Y = A+B+C in positive logic.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the
low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV10AFPEL
SOP–14 pin(JEITA)
FP–14DAV
FP
EL (2,000 pcs/reel)
HD74LV10ARPEL
SOP–14 pin(JEDEC)
FP–14DNV
RP
EL (2,500 pcs/reel)
HD74LV10ATELL
TSSOP–14 pin
TTP–14DV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
AB
C
Output Y
H
HHL
L
XXH
XL
X
H
XX
L
H
Note:
H: High level
L: Low level
X: Immaterial


Similar Part No. - HD74LV10A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LV10AFPEL RENESAS-HD74LV10AFPEL Datasheet
92Kb / 10P
   Triple 3-input Positive NAND Gates
HD74LV10ARPEL RENESAS-HD74LV10ARPEL Datasheet
92Kb / 10P
   Triple 3-input Positive NAND Gates
HD74LV10ATELL RENESAS-HD74LV10ATELL Datasheet
92Kb / 10P
   Triple 3-input Positive NAND Gates
HD74LV10A RENESAS-HD74LV10A_15 Datasheet
92Kb / 10P
   Triple 3-input Positive NAND Gates
More results

Similar Description - HD74LV10A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN5410 TI-SN5410 Datasheet
597Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com