Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV86ATELL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV86ATELL
Description  Quad. 2-input Exclusive-OR Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV86ATELL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LV86ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV86ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LV86A
Rev.4.00 Jun. 02, 2004 page 6 of 8
Test Circuit
L
*
Note: C includes the probe and jig capacitance.
Measurement point
C
L
tPLH
tPHL
VOH
VOL
0 V
VCC
VOH
VOL
tPHL
tPLH
10 %
90%
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
10%
90%
• Waveform − 1
Input
In phase output
Out of phase output
tr
tf
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, t ≤ 3 ns, t ≤ 3 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
rf


Similar Part No. - HD74LV86ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV86ATELL RENESAS-HD74LV86ATELL Datasheet
94Kb / 11P
   Quad. 2-input Exclusive-OR Gates
More results

Similar Description - HD74LV86ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC386 RENESAS-HD74HC386 Datasheet
83Kb / 7P
   Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86_15 Datasheet
174Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LV86A HITACHI-HD74LV86A Datasheet
54Kb / 12P
   Quad. 2-input Exclusive-OR Gates
logo
National Semiconductor ...
5486 NSC-5486 Datasheet
99Kb / 6P
   Quad 2-Input Exclusive-OR Gates
logo
Renesas Technology Corp
HD74HC86 RENESAS-HD74HC86 Datasheet
91Kb / 7P
   Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86 Datasheet
174Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LV86A RENESAS-HD74LV86A_15 Datasheet
94Kb / 11P
   Quad. 2-input Exclusive-OR Gates
logo
National Semiconductor ...
DM54LS86 NSC-DM54LS86 Datasheet
112Kb / 6P
   Quad 2-Input Exclusive-OR Gates
logo
Hitachi Semiconductor
HD74HC386 HITACHI-HD74HC386 Datasheet
39Kb / 7P
   Quad. 2-input Exclusive-OR Gates
HD74HC86 HITACHI-HD74HC86 Datasheet
45Kb / 8P
   Quad. 2-input Exclusive-OR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com