Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV123ATELL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV123ATELL
Description  Dual Retriggerable Monostable Multivibrators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV123ATELL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV123ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 10Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HD74LV123A
Rev.6.00 Jun. 02, 2004 page 7 of 15
Switching Characteristics (cont)
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.3
12.0
1.0
14.0
CL = 15 pF
8.5
14.0
1.0
16.0
CL = 50 pF
A or B
Q or
Q
5.9
9.4
1.0
11.0
CL = 15 pF
7.5
11.4
1.0
13.0
CL = 50 pF
CLR
Q or
Q
7.3
12.9
1.0
15.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
8.7
14.9
1.0
17.0
ns
CL = 50 pF
CLR
(Trigger)
Q or
Q
140
200
240
ns
CL = 50 pF, Cext = 28 pF, Rext = 2 k
90
100
110
90
110
µs
CL = 50 pF,
Cext = 0.01
µF, Rext = 10 kΩ
twQ
0.9
1.0
1.1
0.9
1.1
ms
CL = 50 pF,
Cext = 0.1
µF, Rext = 10 kΩ
Output pulse
width
∆twQ
—±1
%
CL = 50 pF
Pulse width
tw
5.0
5.0
ns
A, B or CLR
—20
ns
A, or B
(Rext = 1 k
Ω, Cext = 100 pF)
Retrigger time
trr
—0.95
µs
A, or B
(Rext = 1 k
Ω, Cext = 0.01 µF)
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
74.0
Power dissipation capacitance
CPD
5.0
86.0
pF
f = 10 MHz
Test Circuit
L
C = 15 pF or 50 pF
L
C = 15 pF or 50 pF
Q
Cext
Cext = 28 pF or 100 pF or 0.01
µF or 0.1 µF
Rext = 1 k
Ω or 2 kΩ or 10 kΩ
Cext
Rext/
Cext
Rext
−+
Q
Output
A
CLR
B
CC
V
CC
V
Output
GND
Input
CC
V
Refer
to
Func-
tion
Table
Note : C includes the probe and jig capacitance.
L


Similar Part No. - HD74LV123ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV123ATELL RENESAS-HD74LV123ATELL Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results

Similar Description - HD74LV123ATELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com