Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2570ZL-TL-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK2570ZL-TL-E
Description  Silicon N Channel MOS FET Low Frequency Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2570ZL-TL-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK2570ZL-TL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2570ZL-TL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2570ZL-TL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2570ZL-TL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2570ZL-TL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2570ZL-TL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2570ZL-TL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK2570
Rev.2.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
20
V
Gate to source voltage
VGSS
±10
V
Drain current
ID
0.2
A
Drain peak current
ID(pulse)*
1
0.4
A
Channel dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1 %
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
20
V
ID = 10
µA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±10
V
IG = ±100
µA, VDS = 0
Zero gate voltage drain current
IDSS
1.0
µA
VDS = 20 V, VGS = 0
Gate to source leak current
IGSS
±5.0
µA
VGS =
±6.5 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
0.5
1.5
V
ID = 10
µA, VDS = 5 V
0.8
1.1
ID = 100 mA, VGS = 4 V *
2
Static drain to source on state
resistance
RDS(on)
1.3
2.2
ID = 40 mA, VGS = 2.5 V *
2
Forward transfer admittance
|yfs|
0.22
0.35
S
ID = 100 mA, VDS = 10 V *
2
Input capacitance
Ciss
45
pF
Output capacitance
Coss
33
pF
Reverse transfer capacitance
Crss
9.6
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
20
ns
Rise time
tr
60
ns
Turn-off delay time
td(off)
240
ns
Fall time
tf
140
ns
VGS = 5 V, ID = 100 mA,
RL = 100
Notes: 2. Pulse test


Similar Part No. - 2SK2570ZL-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
More results

Similar Description - 2SK2570ZL-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com