Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2596 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK2596
Description  Silicon N-Channel MOS FET UHF Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2596 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK2596 Datasheet HTML 1Page - Renesas Technology Corp 2SK2596 Datasheet HTML 2Page - Renesas Technology Corp 2SK2596 Datasheet HTML 3Page - Renesas Technology Corp 2SK2596 Datasheet HTML 4Page - Renesas Technology Corp 2SK2596 Datasheet HTML 5Page - Renesas Technology Corp 2SK2596 Datasheet HTML 6Page - Renesas Technology Corp 2SK2596 Datasheet HTML 7Page - Renesas Technology Corp 2SK2596 Datasheet HTML 8Page - Renesas Technology Corp 2SK2596 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REJ03G0207-0400 Rev.4.00 Nov 08, 2007
Page 1 of 9
2SK2596
Silicon N-Channel MOS FET
UHF Power Amplifier
REJ03G0207-0400
Rev.4.00
Nov 08, 2007
Features
• High power output, High gain, High efficiency
PG = 12.2 dB, Pout = 1.05 W,
ηD = 45%min. (f = 836.5 MHz)
• Compact package capable of surface mounting
Outline
RENESAS package code: PLZZ0004CA-A
(Package name: UPAK R )
1
2
3
4
1. Gate
2. Source
3. Drain
4. Source
3
1
2, 4
Note:
Marking is “BX”.
*UPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
17
V
Gate to source voltage
VGSS
±10
V
Drain current
ID
0.4
A
Drain peak current
ID(pulse)
Note1
1
A
Channel dissipation
Pch
Note2
3
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–45 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25°C
This device is sensitive to electro static discharge. An adequate careful handling procedure is requested.


Similar Part No. - 2SK2596

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596BX RENESAS-2SK2596BX Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
More results

Similar Description - 2SK2596

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com