Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2980 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK2980
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2980 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK2980 Datasheet HTML 1Page - Renesas Technology Corp 2SK2980 Datasheet HTML 2Page - Renesas Technology Corp 2SK2980 Datasheet HTML 3Page - Renesas Technology Corp 2SK2980 Datasheet HTML 4Page - Renesas Technology Corp 2SK2980 Datasheet HTML 5Page - Renesas Technology Corp 2SK2980 Datasheet HTML 6Page - Renesas Technology Corp 2SK2980 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK2980
Rev.4.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
+12
V
Gate to source voltage
VGSS
–10
V
Drain current
ID
1.0
A
Drain peak current
ID(pulse)
Note1
4
A
Channel dissipation
Pch
Note2
0.8
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at when using alumina ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 100
µA, VGS = 0
+12
V
IG = +100
µA, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
–10
V
IG = –100
µA, VDS = 0
Zero gate voltage drain current
IDSS
1.0
µA
VDS = 30 V, VGS = 0
Gate to source leak current
IGSS
±5.0
µA
VGS =
±8 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
0.5
1.5
V
ID = 10
µA, VDS = 5 V
Static drain to source on state
resistance
RDS(on)
0.2
0.28
ID = 500 mA, VGS = 4 V
Note3
Static drain to source on state
resistance
RDS(on)
0.3
0.5
ID = 500 mA, VGS = 2.5 V
Note3
Forward transfer admittance
|yfs|
1.2
2.0
S
ID = 500 mA, VDS = 10 V
Note3
Input capacitance
Ciss
155
pF
Output capacitance
Coss
75
pF
Reverse transfer capacitance
Crss
35
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
12
ns
Rise time
tr
30
ns
Turn-off delay time
td(off)
35
ns
Fall time
tf
30
ns
VGS = 4 V, ID = 500 mA,
RL = 20
Note:
3. Pulse test


Similar Part No. - 2SK2980

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2980 HITACHI-2SK2980 Datasheet
43Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK2980

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com