Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3418 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK3418
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3418 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK3418 Datasheet HTML 1Page - Renesas Technology Corp 2SK3418 Datasheet HTML 2Page - Renesas Technology Corp 2SK3418 Datasheet HTML 3Page - Renesas Technology Corp 2SK3418 Datasheet HTML 4Page - Renesas Technology Corp 2SK3418 Datasheet HTML 5Page - Renesas Technology Corp 2SK3418 Datasheet HTML 6Page - Renesas Technology Corp 2SK3418 Datasheet HTML 7Page - Renesas Technology Corp 2SK3418 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK3418
Rev.2.00 Sep. 10, 2004 page 2 of 7
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
60
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
——
10
µAVDS = 60 V, VGS = 0
Gate to source leak current
IGSS
——
±0.1
µAVGS = ±20 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.5
V
VDS = 10 V, ID = 1 mA
Note1
Forward transfer admittance
|yfs|55
90
S
ID = 45 A, VDS = 10 V
Note1
RDS(on)
—4.3
5.5
m
ID = 45 A, VGS= 10 V
Note1
Static drain to source on state
resistance
RDS(on)
—6.0
9.0
m
ID = 45 A, VGS=4 V
Note1
Input capacitance
Ciss
9770
pF
Output capacitance
Coss
1340
pF
Reverse transfer capacitance
Crss
470
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Total gate charge
Qg
180
nC
Gate to source charge
Qgs
32
nC
Gate to drain charge
Qgd
36
nC
VDD = 50 V
VGS = 10 V
ID = 85 A
Turn-on delay time
td(on)
—53—
ns
Rise time
tr
320
ns
Turn-off delay time
td(off)
700
ns
Fall time
tf
380
ns
VGS = 10 V
ID= 45 A
RL = 0.67
Body-drain diode forward voltage
VDF
—1.0
V
IF = 85 A, VGS = 0
Body-drain diode reverse recovery
time
trr
—70—
ns
IF = 85 A, VGS = 0
diF / dt = 50 A /
µs
Note:
1. Pulse test


Similar Part No. - 2SK3418

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3418 HITACHI-2SK3418 Datasheet
61Kb / 9P
   2SK3418
logo
VBsemi Electronics Co.,...
2SK3418 VBSEMI-2SK3418 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3418 RENESAS-2SK3418_15 Datasheet
136Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3418

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com