Electronic Components Datasheet Search |
|
2SK3418-E Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
2SK3418-E Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 8 page 2SK3418 Rev.2.00 Sep. 10, 2004 page 2 of 7 Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 60 — — V ID = 10 mA, VGS = 0 Zero gate voltage drain current IDSS —— 10 µAVDS = 60 V, VGS = 0 Gate to source leak current IGSS —— ±0.1 µAVGS = ±20 V, VDS = 0 Gate to source cutoff voltage VGS(off) 1.0 — 2.5 V VDS = 10 V, ID = 1 mA Note1 Forward transfer admittance |yfs|55 90 — S ID = 45 A, VDS = 10 V Note1 RDS(on) —4.3 5.5 m Ω ID = 45 A, VGS= 10 V Note1 Static drain to source on state resistance RDS(on) —6.0 9.0 m Ω ID = 45 A, VGS=4 V Note1 Input capacitance Ciss — 9770 — pF Output capacitance Coss — 1340 — pF Reverse transfer capacitance Crss — 470 — pF VDS = 10 V VGS = 0 f = 1 MHz Total gate charge Qg — 180 — nC Gate to source charge Qgs — 32 — nC Gate to drain charge Qgd — 36 — nC VDD = 50 V VGS = 10 V ID = 85 A Turn-on delay time td(on) —53— ns Rise time tr — 320 — ns Turn-off delay time td(off) — 700 — ns Fall time tf — 380 — ns VGS = 10 V ID= 45 A RL = 0.67 Ω Body-drain diode forward voltage VDF —1.0 — V IF = 85 A, VGS = 0 Body-drain diode reverse recovery time trr —70— ns IF = 85 A, VGS = 0 diF / dt = 50 A / µs Note: 1. Pulse test |
Similar Part No. - 2SK3418-E |
|
Similar Description - 2SK3418-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |