Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4197TI-TL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4197TI-TL-E
Description  Silicon NPN Epitaxial
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4197TI-TL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4197TI-TL-E Datasheet HTML 1Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 2Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 3Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 4Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 5Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 6Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 7Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 8Page - Renesas Technology Corp 2SC4197TI-TL-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC4197
Rev.3.00 Aug 10, 2005 page 4 of 9
Conversion Gain, Noise Figure
vs. Collector Current
Collector Current IC (mA)
VCC = 5 V
f = 900 MHz
fout = 30 MHz
fosc = 930 MHz (−5 dBm)
25
20
15
10
5
0
0.1
0.5
2
0.2
1.0
5
CG
NF


Similar Part No. - 2SC4197TI-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4197 HITACHI-2SC4197 Datasheet
56Kb / 10P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
   High Gain Bandwidth Product
More results

Similar Description - 2SC4197TI-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com