Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16C26 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 16C26
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

16C26 Datasheet(HTML) 2 Page - Renesas Technology Corp

  16C26 Datasheet HTML 1Page - Renesas Technology Corp 16C26 Datasheet HTML 2Page - Renesas Technology Corp 16C26 Datasheet HTML 3Page - Renesas Technology Corp 16C26 Datasheet HTML 4Page - Renesas Technology Corp 16C26 Datasheet HTML 5Page - Renesas Technology Corp 16C26 Datasheet HTML 6Page - Renesas Technology Corp 16C26 Datasheet HTML 7Page - Renesas Technology Corp 16C26 Datasheet HTML 8Page - Renesas Technology Corp 16C26 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
M16C/26 Group
1. Overview
Rev.1.00
2004.6.10
page 2 of 37
REJ09B0176-0100Z
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
50 ns (f(BCLK)= 20MHZ, VCC1= 3.0V to 5.5V)
100 ns (f(BCLK)= 10MHZ, VCC1= 2.7V to 5.5V)
Memory
ROM
(See the product list)
capacity
RAM
(See the product list)
I/O port
P15 to P17, P6, P7, P80 to P83, 8bit x 3, 7bit x 1, 4bit x 1, 3bit x 1
P85 to P87, P90 to P93, P10
Multifunction timer
Timer A:16 bits x 5 channels (TA0, TA1, TA2, TA3, TA4)
Timer B:16 bits x 3 channels (TB0, TB1, TB2)
Three-phase Motor Control Timer
Serial I/O
2 channels (UART0, UART1)
UART, clock synchronous
1 channels (UART2)
UART, clock synchronous, I2C bus1, or IEBus2
A/D converter
10 bits x 8 channels
DMAC
2 channels (trigger: 20 sources)
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
20 internal and 7 external sources, 4 software sources, 7 levels
Clock generation circuit
3 circuits
• Main clock
• Sub-clock
• On-chip oscillator(main-clock oscillation stop detect function)
Power supply voltage
VCC=3.0V to 5.5V (f(BCLK)=20MHZ)
VCC=2.7V to 5.5V (f(BCLK)=10MHZ)
Flash memory Program/erase voltage
VCC=2.7V to 5.5V
Number of program/erase
100 times (all area)
1000times (program area) /10000 times3 (data area)
Power consumption
16mA (VCC=3V, f(BCLK)=20MHZ)
25
µA (f(BCLK)=f(XCIN)=32kHZ on RAM)
1.8
µA (VCC=3V, f(XCIN)=32kHZ, when wait mode)
0.7
µA (VCC=3V, when stop mode)
I/O
I/O withstand voltage
5.0V
characteristics Output current
5mA
Operating ambient temperature
-20 to 85
°C
-40 to 85
°C 3
Device configuration
CMOS high performance silicon gate
Package
48-pin plastic mold QFP
Notes:
1. I2C bus is a trademark of Koninklijke Philips Electronics N.V.
2. IEBus is a trademark of NEC Electronics Corporation.
3. See Table 1.3 for the number of program/erase and the operating ambient temperatue.
Table 1.1. Performance outline of M16C/26 group
1.2 Performance Outline
Table 1.1 lists performance outline of M16C/26 group.



(These circuits contain a built-in feedback
resistor and external ceramic/quartz oscillator)


Similar Part No. - 16C26

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
16C2850 EXAR-16C2850 Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
More results

Similar Description - 16C26

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com