Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4988FRTL-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4988FRTL-E
Description  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4988FRTL-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4988FRTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SC4988FRTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SC4988FRTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SC4988FRTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SC4988FRTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SC4988FRTL-E Datasheet HTML 6Page - Renesas Technology Corp 2SC4988FRTL-E Datasheet HTML 7Page - Renesas Technology Corp 2SC4988FRTL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC4988
Rev.3.00 Aug 10, 2005 page 5 of 7
10
5
4
3
2
1.5
1
.8
Ð2
Ð3
Ð4
Ð5
Ð10
.6
.4
.2
0
Ð.2
Ð.4
Ð.6
Ð.8
Ð1
Ð1.5
.2
.4
.6 .8 1.0
2
3 4 5
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I
= 5 mA)
(I
= 20 mA)
C
C
1.5
10
S11 Parameter vs. Frequency
Scale: 5 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I
= 5 mA)
(I
= 20 mA)
C
C
S21 Parameter vs. Frequency
Scale: 0.01 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I
= 5 mA)
(I
= 20 mA)
C
C
S12 Parameter vs. Frequency
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1.0
2
3 4 5
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I
= 5 mA)
(I
= 20 mA)
C
C
1.5
10
S22 Parameter vs. Frequency


Similar Part No. - 2SC4988FRTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4988 HITACHI-2SC4988 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
More results

Similar Description - 2SC4988FRTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com