Electronic Components Datasheet Search |
|
XC6202PB22DB Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC6202PB22DB Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 32 page 6/32 XC6202 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VOUT(E) (*2) VIN=19V IOUT=30mA 17.640 18.000 18.360 V ② Maximum Output Current IOUTmax VIN=19V VOUT ≧VOUT(E)×0.9 200 - - mA ② Load Regulation △VOUT VIN=19V 1mA ≦IOUT≦100mA - 120 380 mV ② Vdif1 IOUT=30mA - 80 150 Dropout Voltage (*3) Vdif2 IOUT=100mA - 280 380 mV ② Supply Current ISS VIN=19V - 15 30 μA ① Line Regulation △VOUT △VIN・△VOUT IOUT=1mA 19V ≦VIN≦20V - 0.01 0.20 %/V ② Input Voltage VIN - - 20 V - Output Voltage Temperature Characteristics △VOUT △Topr・△VOUT IOUT=30mA -40 ℃≦Topr≦85℃ - ±100 - ppm/ ℃ ② Short-circuit Current Ishort VIN=20V - 40 - mA ② *1. VOUT(T) = Specified output voltage. *2. VOUT(E) = Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining certain IOUT value). *3. Vdif = {VIN1 {*5}-VOUT1{*4}} *4. VOUT1 = A voltage equal to 98% of the output voltage when “VOUT(T) + 1.0V” is input. *5. VIN1 = The input voltage when VOUT1 is output following a gradual decrease in the input voltage. CIRCUIT ① XC6202PJ02 VOUT(T)=18V (*1) Topr=25 ℃ ■TEST CIRCUITS CIRCUIT ② ■ELECTRICAL CHARACTERISTICS (Continued) |
Similar Part No. - XC6202PB22DB |
|
Similar Description - XC6202PB22DB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |