Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB30NM60N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB30NM60N
Description  N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB30NM60N_08 Datasheet HTML 3Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 4Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 5Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 6Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 7Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 8Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 9Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 10Page - STMicroelectronics STB30NM60N_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STB30NM60N,STI30NM60N,STF30NM60N,STP30NM60N,STW30NM60N Electrical characteristics
7/18
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10. Transconductance
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
0
5
10
15
20
25
30VSD(V)
0
5
10
15
20
25
30
ID(A)
4V
5V
VGS=10V
AM00051v1
0
1
2
3
4
5
ID(A)
0
24
6
8
VGS(V)
AM00052v1
0.5
5.5
10.5
15.5
20.5
25.5
30.5
Gfs(S)
0
5
10
15
20
25
30
AM00048v1
TJ=-50°C
25°C
150°C
ID(A)
0.015
0.035
0.055
0.075
0.095
0.115
0.135
RDS(on)
0
5
10
15
20
25
30
(
Ω)
AM00046v1
ID(A)
VGS=10V
ID=12.5A
0
2
4
6
8
10
12
VGS(V)
020
40
60
80
100
Qg(nC)
VDD=480V
ID=25A
AM00045v1
1
10
100
1000
10000
C(pF)
VGS(V)
0.1
110
100
AM00044v1
Ciss
Coss
Crss


Similar Part No. - STB30NM60N_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NM60ND STMICROELECTRONICS-STB30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STB30NM60ND STMICROELECTRONICS-STB30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
More results

Similar Description - STB30NM60N_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
   N-channel 650 V, 0.33 廓, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com