Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ484 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SJ484
Description  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ484 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ484 Datasheet HTML 1Page - Renesas Technology Corp 2SJ484 Datasheet HTML 2Page - Renesas Technology Corp 2SJ484 Datasheet HTML 3Page - Renesas Technology Corp 2SJ484 Datasheet HTML 4Page - Renesas Technology Corp 2SJ484 Datasheet HTML 5Page - Renesas Technology Corp 2SJ484 Datasheet HTML 6Page - Renesas Technology Corp 2SJ484 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SJ484
Rev.3.00 Sep 07, 2005 page 3 of 6
Main Characteristics
2.0
0.5
0
1.0
1.5
0
50
100
150
200
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Test Condition:
When using the aluminum ceramic
board (12.5
× 20 × 70 mm)
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
–0.1
–10
–1
–0.1
–0.01
–0.3
–1
–3
–10
–30
–100
–3
–0.3
–0.03
Operation in
this area is
limited by RDS (on)
Ta = 25°C
–5
–4
–3
0
–1
–2
0
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
–3 V
Pulse Test
–4.5 V
–3.5 V
–4 V
–2
–4
–6
–8
–10
–5
0
–1
–2
–3
–4
0
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–1
–2
–3
–4
–5
Tc = 75°C
–25°C
25°C
VDS = –10 V
Pulse Test
–1.0
0
–0.2
–0.4
–0.6
–0.8
0
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–4
–8
–12
–16
–20
Pulse Test
ID = –2 A
–0.5 A
–1 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
2
1
0.5
0.2
0.1
–20
–10 V
VGS = –4 V
Pulse Test
–0.1 –0.2
–0.5 –1
–2
–5
–10
100
µs
DC
Operation
1 ms
PW
= 10
ms
(1
shot)
VGS = –2.5 V
–10 V –6 V
–5 V


Similar Part No. - 2SJ484

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ484 RENESAS-2SJ484_15 Datasheet
98Kb / 9P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ484

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com