Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS5PF30L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS5PF30L
Description  P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS5PF30L Datasheet(HTML) 6 Page - STMicroelectronics

  STS5PF30L Datasheet HTML 1Page - STMicroelectronics STS5PF30L Datasheet HTML 2Page - STMicroelectronics STS5PF30L Datasheet HTML 3Page - STMicroelectronics STS5PF30L Datasheet HTML 4Page - STMicroelectronics STS5PF30L Datasheet HTML 5Page - STMicroelectronics STS5PF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Information furnished is believ ed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specific ation mentioned in this publication are
subjec t to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1999 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
.
STS5PF30L
6/6


Similar Part No. - STS5PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS5PF30L DOINGTER-STS5PF30L Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
More results

Similar Description - STS5PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
   P-CHANNEL 20V - 0.045??- 5A SO-8 STripFET??II MOSFET
September 2004 Rev. 2
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
   P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET??POWER MOSFET
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
   P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
   DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
   P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com