Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1WV3216RBG-8SR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1WV3216RBG-8SR
Description  32Mb Advanced LPSRAM (2M wordx16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1WV3216RBG-8SR Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1WV3216RBG-8SR Datasheet HTML 4Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 5Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 6Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 7Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 8Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 9Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 10Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 11Page - Renesas Technology Corp R1WV3216RBG-8SR Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
R1W V3216R Series
REJ03C0215-0300Z Rev.3.00 2008.03.03
page 8 of 15
Read Cycle
1,2,3
ns
30
0
25
0
tOHZ
Output disable to output in high-Z
1,2,3
ns
30
0
25
0
tBHZ
LB#,UB# disable to high-Z
1,2,3
ns
30
0
25
0
tCHZ2
1,2,3
ns
30
0
25
0
tCHZ1
Chip deselect to output in high-Z
2,3
ns
-
5
-
5
tOLZ
Output enable to output in low-Z
2,3
ns
-
5
-
5
tBLZ
LB#,UB# enable to low-Z
2,3
ns
-
10
-
10
tCLZ
Chip select to output in low-Z
ns
85
-
70
-
tBA
LB#,UB# access time
ns
-
10
-
10
tOH
Output hold from address change
ns
45
-
35
-
tOE
Output enable to output valid
ns
85
-
70
-
tACS2
ns
85
-
70
-
tACS1
Chip select access time
ns
85
-
70
-
tAA
Address access time
ns
-
85
-
70
tRC
Read cycle time
Max.
Min.
Max.
Min.
Notes
Unit
R1WV3216R**-8S
R1WV3216R**-7S
Symbol
Parameter


Similar Part No. - R1WV3216RBG-8SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216RBG-8SR RENESAS-R1WV3216RBG-8SR Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
More results

Similar Description - R1WV3216RBG-8SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBA-5SI RENESAS-R1LV1616RBA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com