Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A15908SP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R2A15908SP
Description  5 Input Selector 2ch Electronic Volume with Tone & Surround
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A15908SP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R2A15908SP Datasheet HTML 4Page - Renesas Technology Corp R2A15908SP Datasheet HTML 5Page - Renesas Technology Corp R2A15908SP Datasheet HTML 6Page - Renesas Technology Corp R2A15908SP Datasheet HTML 7Page - Renesas Technology Corp R2A15908SP Datasheet HTML 8Page - Renesas Technology Corp R2A15908SP Datasheet HTML 9Page - Renesas Technology Corp R2A15908SP Datasheet HTML 10Page - Renesas Technology Corp R2A15908SP Datasheet HTML 11Page - Renesas Technology Corp R2A15908SP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
R2A15908SP
REJ03F0270-0100 Rev.1.00 Jan 25, 2008
Page 8 of 13
Lch
00H
D7
D6
D5
D4
D3
D2
D1
ATT
Rch
Sub
Address
01H
D7
D6
D5
D4
D3
D2
D1
–49dB
0
1
1
0
0
0
1
–50dB
0
1
1
0
0
1
0
–51dB
0
1
1
0
0
1
1
–52dB
0
1
1
0
1
0
0
–53dB
0
1
1
0
1
0
1
–54dB
0
1
1
0
1
1
0
–55dB
0
1
1
0
1
1
1
–56dB
0
1
1
1
0
0
0
–57dB
0
1
1
1
0
0
1
–58dB
0
1
1
1
0
1
0
–59dB
0
1
1
1
0
1
1
–60dB
0
1
1
1
1
0
0
–61dB
0
1
1
1
1
0
1
–62dB
0
1
1
1
1
1
0
–63dB
0
1
1
1
1
1
1
–64dB
1
0
0
0
0
0
0
–65dB
1
0
0
0
0
0
1
–66dB
1
0
0
0
0
1
0
–67dB
1
0
0
0
0
1
1
–68dB
1
0
0
0
1
0
0
–69dB
1
0
0
0
1
0
1
–70dB
1
0
0
0
1
1
0
–71dB
1
0
0
0
1
1
1
–72dB
1
0
0
1
0
0
0
–73dB
1
0
0
1
0
0
1
–74dB
1
0
0
1
0
1
0
–75dB
1
0
0
1
0
1
1
–76dB
1
0
0
1
1
0
0
–77dB
1
0
0
1
1
0
1
–78dB
1
0
0
1
1
1
0
–79dB
1
0
0
1
1
1
1
–80dB
1
0
1
0
0
0
0
–81dB
1
0
1
0
0
0
1
–82dB
1
0
1
0
0
1
0
–83dB
1
0
1
0
0
1
1
–84dB
1
0
1
0
1
0
0
–85dB
1
0
1
0
1
0
1
–86dB
1
0
1
0
1
1
0
–87dB
1
0
1
0
1
1
1
L ch
R ch
Volume
1
1
1
1
1
1
1
* It’s initial setting when power is turned on.


Similar Part No. - R2A15908SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2A15112 ETC1-R2A15112 Datasheet
194Kb / 1P
   R2A15112 / R2A15112FP / TQFP 8 Pin / Renesas
R2A15112FP ETC1-R2A15112FP Datasheet
194Kb / 1P
   R2A15112 / R2A15112FP / TQFP 8 Pin / Renesas
logo
Renesas Technology Corp
R2A15120FA RENESAS-R2A15120FA Datasheet
56Kb / 1P
   R2A15120 QFP 48Pin / 15W / 8 Ohm / BTL 2ch D class power amplifier
More results

Similar Description - R2A15908SP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost 51diff Input Selector
logo
Renesas Technology Corp
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
New Japan Radio
NJW1194 NJRC-NJW1194 Datasheet
77Kb / 4P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR AND TONE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com