Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1WV6416RBG-7SI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1WV6416RBG-7SI
Description  64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1WV6416RBG-7SI Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1WV6416RBG-7SI Datasheet HTML 1Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 2Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 3Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 4Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 5Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 6Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 7Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 8Page - Renesas Technology Corp R1WV6416RBG-7SI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary
REJ03C0368-0001, Rev.0.01, 2008.03.24
Page 1 of 16
R1WV6416R Series
64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
REJ03C0368-0001
Preliminary
Rev.0.01
2008.03.24
Description
The R1WV6416R Series is a family of low voltage 64-Mbit static RAMs organized as 4,194,304-word by
16-bit, fabricated by Renesas’s high-performance 0.15um CMOS and TFT technologies.
The R1WV6416R Series is suitable for memory applications where a simple interfacing, battery operating
and battery backup are the important design objectives.
The R1WV6416R Series is provided in 48-pin thin small outline package [TSOP (I): 12mm x 20mm with
pin pitch of 0.5mm], 52-pin micro thin small outline package [
µTSOP (II): 10.79mm x 10.49mm with pin pitch
of 0.4mm] and 48-ball fine pitch ball grid array [f-BGA] package. It gives the best solution for compaction of
mounting area as well as flexibility of wiring pattern of printed circuit boards.
Features
• Single 2.7~3.6V power supply
• Small stand-by current: 8 µA (3.0V, typical)
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion by CS1#, CS2, LB# and UB#
• Common Data I/O
• Three-state outputs: OR-tie Capability
• OE# prevents data contention on the I/O bus
Ordering Information
Type No.
Access time
Package
R1WV6416RSA-5S%
55 ns
*1
R1WV6416RSA-7S%
70 ns
12mm x 20mm 48-pin plastic TSOP (I)
(normal-bend type) (48P3R)
R1WV6416RSD-5S%
55 ns
*1
R1WV6416RSD-7S%
70 ns
350 mil 52-pin plastic
μ-TSOP (II)
(normal-bend type) (52PTG)
R1WV6416RBG-5S%
55 ns
*1
R1WV6416RBG-7S%
70 ns
f-BGA 0.75mm pitch 48-ball
Note1. 55ns parts can be supported under the condition of the input timing limitation toward SRAM on customer’s
system. Please contact our sales office in your region, in case of the inquiry for 55ns parts.
% - Temperature version; see table below
%
Temperature Range
R
0 ~ +70 °C
I
-40 ~ +85 °C


Similar Part No. - R1WV6416RBG-7SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
More results

Similar Description - R1WV6416RBG-7SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMWV6416A RENESAS-RMWV6416A Datasheet
300Kb / 16P
   64Mb Advanced LPSRAM (4M word × 16bit / 8M word x 8bit)
2018.12.26
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com