Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38K26F6L-XXXFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38K26F6L-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K26F6L-XXXFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38K26F6L-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38K26F6L-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 151 page
background image
38K2 Group
Rev.3.00
Oct 15, 2006
page 5 of 147
REJ03B0193-0300
GROUP EXPANSION
Mitsubishi plans to expand the 38K2 group as follows.
Memory Type
Support for mask ROM and flash memory versions.
Memory Size
Flash memory size .......................................................... 32 Kbytes
Mask ROM size ............................................................... 16 Kbytes
RAM size .......................................................... 1024 to 2048 bytes
Packages
PLQP0064GA-A ...................... 0.8 mm-pitch plastic molded LQFP
PLQP0064KB-A ....................... 0.5 mm-pitch plastic molded LQFP
100D0M ........................... 0.65 mm-pitch metal seal PIGGY BACK
Memory Expansion Plan
Fig. 4 Memory expansion plan
Currently products are listed below.
Table 2. List of 38K2 group products (L version)
As of October 2006
256
512
1,024
2,048
8K
16K
32K
60K
ROM size
(bytes)
RAM size (bytes)
M38K29F8L
: Mass Production
M38K27M4L
Remarks
Package
PLQP0064GA-A
PLQP0064KB-A
PLQP0064GA-A
PLQP0064KB-A
100D0M
Product
M38K27M4L-XXXFP
M38K27M4L-XXXHP
M38K29F8LFP
M38K29F8LHP
M38K29RFS
RAM size (bytes)
1024
2048
2048
16384
(16254)
ROM size (bytes)
ROM size for User in (
)
32768
(32638)
Mask ROM version
Flash memory version


Similar Part No. - M38K26F6L-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38K26F6LFP RENESAS-M38K26F6LFP Datasheet
2Mb / 358P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38K26F6LHP RENESAS-M38K26F6LHP Datasheet
2Mb / 358P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38K26F6L-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com