Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38265MDAXXXFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38265MDAXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38265MDAXXXFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38265MDAXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 9Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 10Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 11Page - Renesas Technology Corp M38265MDAXXXFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Rev.2.00
May. 24, 2006
page 8 of 90
REJ03B0028-0200
3826 Group (A version)
FUNCTIONAL DESCRIPTION
CENTRAL PROCESSING UNIT (CPU)
The 3826 group uses the standard 740 family instruction set. Re-
fer to the table of 740 family addressing modes and machine
instructions or the 740 Family Software Manual for details on the
instruction set.
Machine-resident 740 family instructions are as follows:
The FST and SLW instruction cannot be used.
The STP, WIT, MUL, and DIV instruction can be used.
The central processing unit (CPU) has six registers. Figure 6
shows the 740 Family CPU register structure.
[Accumulator (A)]
The accumulator is an 8-bit register. Data operations such as
arithmetic data transfer, etc., are executed mainly through the ac-
cumulator.
[Index Register X (X)]
The index register X is an 8-bit register. In the index addressing
modes, the value of the OPERAND is added to the contents of
register X and specifies the real address.
[Index Register Y (Y)]
The index register Y is an 8-bit register. In partial instruction, the
value of the OPERAND is added to the contents of register Y and
specifies the real address.
[Stack Pointer (S)]
The stack pointer is an 8-bit register used during subroutine calls
and interrupts. This register indicates start address of stored area
(stack) for storing registers during subroutine calls and interrupts.
The low-order 8 bits of the stack address are determined by the
contents of the stack pointer. The high-order 8 bits of the stack
address are determined by the stack page selection bit. If the
stack page selection bit is “0” , the high-order 8 bits becomes
“0016”. If the stack page selection bit is “1”, the high-order 8 bits
becomes “0116”.
Figure 9 shows the operations of pushing register contents onto
the stack and popping them from the stack. Table 6 shows the
push and pop instructions of accumulator or processor status reg-
ister.
Store registers other than those described in Figure 9 with pro-
gram when the user needs them during interrupts or subroutine
calls.
[Program Counter (PC)]
The program counter is a 16-bit counter consisting of two 8-bit
registers PCH and PCL. It is used to indicate the address of the
next instruction to be executed.
Fig. 6 740 Family CPU register structure
A
Accumulator
b7
b7
b7
b7
b0
b7
b15
b0
b7
b0
b0
b0
b0
X
Index register X
Y
Index register Y
S
Stack pointer
PCL
Program counter
PCH
N V T B D I Z C
Processor status register (PS)
Carry flag
Zero flag
Interrupt disable flag
Decimal mode flag
Break flag
Index X mode flag
Overflow flag
Negative flag


Similar Part No. - M38265MDAXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38265E1FP RENESAS-M38265E1FP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E1FS RENESAS-M38265E1FS Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E1GP RENESAS-M38265E1GP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E2FP RENESAS-M38265E2FP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E2FS RENESAS-M38265E2FS Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38265MDAXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com