Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38K05M7-XXXFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38K05M7-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K05M7-XXXFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38K05M7-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38K05M7-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
DESCRIPTION
The 38K0 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 38K0 group has the USB function, an 8-bit bus interface, a
Serial Interface, three 8-bit timers, and an 8-channel 10-bit A/D
converter, which are available for the PC peripheral I/O device.
The various microcomputers in the 38K0 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
FEATURES
Basic machine-language instructions ....................................... 71
The minimum instruction execution time .......................... 0.25 µs
(at 8 MHz system clock)
System clock: Reference frequency to internal circuit except
USB function
Memory size
ROM ................................................................ 16 K to 32 K bytes
RAM ............................................................... 1024 to 2048 bytes
Programmable input/output ports ............................................. 48
Software pull-up resistors
Interrupts .................................................. 15 sources, 15 vectors
USB function (Full-Speed USB2.0 specification) ...... 4 endpoints
External bus interface ....................................... 8-bit ✕ 1 channel
Timers ............................................................................. 8-bit ✕ 3
Watchdog timer ............................................................. 16-bit ✕ 1
Serial Interface
Serial I/O (UART or Clock-synchronized) ...................... 8-bit ✕ 1
A/D converter ................................................ 10-bit ✕ 8 channels
(8-bit reading available)
LED direct drive port ................................................................... 4
Clock generating circuit
(connect to external ceramic resonator or quartz-crystal oscillator)
Power source voltage (L version)
System clock/Internal clock division mode
At 12 MHz/2-divide mode(
φ = 6 MHz) ................... 4.00 to 5.25 V
At 8 MHz/Through mode (
φ = 8 MHz) ................... 4.00 to 5.25 V
At 6 MHz/Through mode (
φ = 6 MHz) ................... 3.00 to 5.25 V
Power dissipation
At 5 V power source voltage .................................. 125 mW (typ.)
(at 8 MHz system clock, in through mode)
At 3.3 V power source voltage ................................ 30 mW (typ.)
(at 6 MHz system clock, in through mode)
Operating temperature range .................................... –20 to 85°C
Packages
FP ............................ PLQP0064GA-A (64-pin 14 ✕ 14 mm LQFP)
HP ............................ PLQP0064KB-A (64-pin 10 ✕ 10 mm LQFP)
Package type : PLQP0064GA-A (64P6U-A)/PLQP0064KB-A (64P6Q-A)
Fig. 1 Pin configuration of 38K0 group
PIN CONFIGURATION (TOP VIEW)
32
31
30
29
28
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
27
64
TrON
P23
P22
P21
P20
D0-
D0+
USBVREF
DVCC
PVCC
PVSS
P10/DQ0/AN0
P06
P07
P40/EXDREQ/RXD
P11/DQ1/AN1
P61(LED1)
P62(LED2)
P63(LED3)
P41/EXDACK/TXD
P42/EXTC/SCLK
P43/EXA1/SRDY
P30
P31
P32
P33/EXINT
P34/EXCS
P35/EXWR
P36/EXRD
P37/EXA0
P24
P25
M38K07M4L-XXXFP/HP
M38K09F8LFP/HP
38K0 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0192-0300
Rev.3.00
Oct 05, 2006
Rev.3.00
Oct 05, 2006
page 1 of 129
REJ03B0192-0300


Similar Part No. - M38K05M7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38K05M7 RENESAS-M38K05M7 Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38K05M7FP RENESAS-M38K05M7FP Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38K05M7HP RENESAS-M38K05M7HP Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38K05M7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com