Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSA851 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STSA851
Description  LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSA851 Datasheet(HTML) 2 Page - STMicroelectronics

  STSA851 Datasheet HTML 1Page - STMicroelectronics STSA851 Datasheet HTML 2Page - STMicroelectronics STSA851 Datasheet HTML 3Page - STMicroelectronics STSA851 Datasheet HTML 4Page - STMicroelectronics STSA851 Datasheet HTML 5Page - STMicroelectronics STSA851 Datasheet HTML 6Page - STMicroelectronics STSA851 Datasheet HTML 7Page - STMicroelectronics STSA851 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-amb
Rthj-case
Thermal Resistance Junction-ambient
Max
Thermal Resistance Junction-case
Max
114
83.3
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 120 V
VCB = 120 V
Tj = 100
o C
50
1
nA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7 V
10
nA
V(BR)CBO
∗ Collector-Base
Breakdown Voltage
(IE = 0)
IC = 100
µA
150
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 10 mA
60
V
V(BR)EBO
∗ Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 100
µA
7V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 100 mA
IB = 5 mA
IC = 1 A
IB = 50 mA
IC = 2 A
IB = 50 mA
IC = 5 A
IB = 200 mA
10
70
140
320
50
120
200
450
mV
mV
mV
mV
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 4 A
IB = 200 mA
1
1.15
V
VBE(on)
∗ Base-Emitter On
Voltage
IC = 4 A
VCE = 1 V
0.89
1
V
hFE
DC Current Gain
IC = 10 mA
VCE = 1 V
IC = 2 A
VCE = 1 V
IC = 5 A
VCE = 1 V
IC = 10 A
VCE = 1 V
150
150
90
30
300
270
140
50
350
fT
Transition frequency
VCE = 10 V
IC = 100 mA
130
MHz
CCBO
Collector-Base
Capacitance
VCB = 10 V
f = 1 MHz
47
pF
tON
ts
tf
RESISTIVE LOAD
Turn- on Time
Storage Time
Fall Time
IC = 1 A
VCC = 10 V
IB1 = - IB2 = 0.1 A
50
1.35
120
ns
µs
ns
∗ Pulsed: Pulse duration = 300µs, duty cycle = 1.5 %
STSA851
2/8


Similar Part No. - STSA851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA851 STMICROELECTRONICS-STSA851 Datasheet
213Kb / 11P
   Low voltage fast-switching NPN power transistor
STSA851-AP STMICROELECTRONICS-STSA851-AP Datasheet
213Kb / 11P
   Low voltage fast-switching NPN power transistor
STSA851 STMICROELECTRONICS-STSA851_08 Datasheet
213Kb / 11P
   Low voltage fast-switching NPN power transistor
More results

Similar Description - STSA851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
   Low voltage fast-switching NPN power transistor
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665 Datasheet
281Kb / 12P
   Low voltage fast-switching NPN power transistor
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
175Kb / 10P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
2STR1160 STMICROELECTRONICS-2STR1160 Datasheet
247Kb / 11P
   Low voltage fast-switching NPN power transistor
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802 Datasheet
535Kb / 7P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com