Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ542 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SJ542
Description  Silicon P Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ542 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ542 Datasheet HTML 1Page - Renesas Technology Corp 2SJ542 Datasheet HTML 2Page - Renesas Technology Corp 2SJ542 Datasheet HTML 3Page - Renesas Technology Corp 2SJ542 Datasheet HTML 4Page - Renesas Technology Corp 2SJ542 Datasheet HTML 5Page - Renesas Technology Corp 2SJ542 Datasheet HTML 6Page - Renesas Technology Corp 2SJ542 Datasheet HTML 7Page - Renesas Technology Corp 2SJ542 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SJ542
Rev.4.00 Sep 07, 2005 page 3 of 7
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–20
0
–4
–8
–12
–16
0–2
–4
–6
–8
–10
–20
0
–4
–8
–12
–16
0
–1–2–3–4–5
Tc = 75°C
80
0
20
40
60
0
50
100
150
200
VDS = –10 V
Pulse Test
–10 V
–6 V
–4 V
–3.5 V
–2.5 V
–3 V
VGS = –2 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
100
10
30
300
3
0.3
1
0.1
0.1
0.3
1
3
10
30
100
1000
Ta = 25°C
PW
= 10
ms
(1
shot)
DC
Operation
(Tc
= 25°C)
1 ms
10
µs
100
µs
Operation in
this area is
limited by RDS (on)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–3.0
0
–1.0
–0.5
–1.5
–2.0
–2.5
0
–4
–8
–12
–16
–20
Pulse Test
ID = –20 A
–10 A
–5 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
0.2
0.1
0.02
0.05
0.01
–2
–20
–50
–1
–10
–5
–100
1
0.5
VGS = –4 V
–10 V
Pulse Test
–25°C
25°C


Similar Part No. - 2SJ542

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ542 HITACHI-2SJ542 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ542

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com