Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38265MCAXXXGP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38265MCAXXXGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38265MCAXXXGP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38265MCAXXXGP Datasheet HTML 1Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 2Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 3Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 4Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 5Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 6Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 7Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 8Page - Renesas Technology Corp M38265MCAXXXGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
DESCRIPTION
The 3826 group (A version) is the 8-bit microcomputer based on
the 740 family core technology.
The 3826 group (A version) has the LCD drive control circuit, an 8-
channel A/D converter, D/A converter, serial interface and PWM as
additional functions.
The various microcomputers in the 3826 group (A version) include
variations of internal memory size and packaging. For details, re-
fer to the section on part numbering.
For details on availability of microcomputers in the 3826 group (A
version), refer the section on group expansion.
FEATURES
Basic machine-language instructions ....................................... 71
The minimum instruction execution time ............................ 0.4 µs
(at 10 MHz oscillation frequency)
Memory size
ROM ................................................................ 48 K to 60 K bytes
RAM ............................................................... 1536 to 2560 bytes
Programmable input/output ports ............................................. 55
Software pull-up resistors .................................................... Built-in
Output ports ................................................................................. 8
Input ports .................................................................................... 1
Interrupts .................................................. 17 sources, 16 vectors
External ................ 7 sources (includes key input interrupt)
Internal ................................................................ 9 sources
Software ................................................................ 1 source
Timers ............................................................ 8-bit ✕ 3, 16-bit ✕ 2
Serial interface
Serial I/O1 ...................... 8-bit ✕ 1 (UART or Clock-synchronous)
Serial I/O2 .................................... 8-bit ✕ 1 (Clock-synchronous)
PWM output .................................................................... 8-bit ✕ 1
A/D converter ............. 10-bit ✕ 8 channels or 8-bit ✕ 8 channels
D/A converter .................................................. 8-bit ✕ 2 channels
(used as DTMF and CTCSS function)
LCD drive control circuit
Bias ......................................................................... 1/2, 1/3
Duty .................................................................. 1/2, 1/3, 1/4
Common output ................................................................ 4
Segment output .............................................................. 40
2 Clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
Watchdog timer ............................................................. 14-bit ✕ 1
Power source voltage
In high-speed mode (f(XIN) = 10 MHz) ................... 4.5 V to 5.5 V
In high-speed mode (f(XIN) = 8 MHz) ..................... 4.0 V to 5.5 V
In middle-speed mode (f(XIN) = 6 MHz) ................. 1.8 V to 5.5 V
In low-speed mode .................................................. 1.8 V to 5.5 V
Power dissipation
In high-speed mode ................................................... Typ. 28 mW
(f(XIN) = 10 MHz, VCC = 5 V, Ta = 25 °C)
In low-speed mode ...................................................... Typ. 27
µW
(f(XIN) = stop, f(XCIN) = 32 kHz, VCC = 3 V, Ta = 25 °C)
Operating temperature range ................................... – 20 to 85°C
APPLICATIONS
Camera, household appliances, consumer electronics, etc.
3826 Group (A version)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0029-0200
Rev.2.00
2006.05.24
Rev.2.00
May. 24, 2006
page 1 of 90
REJ03B0028-0200


Similar Part No. - M38265MCAXXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38265E1FP RENESAS-M38265E1FP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E1FS RENESAS-M38265E1FS Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E1GP RENESAS-M38265E1GP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E2FP RENESAS-M38265E2FP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38265E2FS RENESAS-M38265E2FS Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38265MCAXXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com